PART |
Description |
Maker |
MC74LVXU04-D |
Hex Inverter (Unbuffered)
|
ON Semiconductor
|
MC74HCU04AD MC74HCU04ADR2 MC74HCU04ADT MC74HCU04AD |
Hex Unbuffered Inverter 六角缓冲逆变
|
ONSEMI[ON Semiconductor]
|
25HCU04A |
Hex Unbuffered Inverter High-Performance Silicon-Gate CMOS
|
INTEGRAL JOINT STOCK COMPANY
|
HCF4069UM013TR HCF4069UB HCF4069UBEY HCF4069UBM1 H |
CERAMIC CHIP/MIL-PRF-55681 HEX INVERTER HEX INVERTER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
74LCX04M 74LCX04TTR 74LCX04MTR -74LCX04M |
LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS CMOS HEX INVERTER WITH 5V TOLERANT INPUT
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ML74WLAC |
NAND Gate (unbuffered) and Inverter (unbuffered)
|
Minilogic Device Corporation Limited
|
HCF4502M013TR HCF4502B02 HCF4502 HCF4502BM1 |
4000/14000/40000 SERIES, 6-BIT DRIVER, INVERTED OUTPUT, PDSO16 STROBED HEX INVERTER/BUFFER STROBED HEX INVERTER/BUFFER
|
STMicroelectronics ST Microelectronics
|
74AHCT04D-T |
Hex inverter - Description: Hex Inverter; TTL Enabled ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: /- 8 mA ; Power dissipation considerations: Low Power ; Propagation delay: 3 ns; Voltage: 4.5-5.5 V
|
NXP SEMICONDUCTORS
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|
ML74WLCE |
Inverter (unbuffered) and OR Gate (unbuffered)
|
Minilogic Device Corporation Limited
|
74LVCU04ATTR 74LVCU04A 74LVCU04AM 74LVCU04AMTR |
HEADSET, BOOM, MIC, VOX, T6222; LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) HIGH PERFORMANCE LOW VOLTAGE CMOS HEX INVERTER HIGH PERFORMACE
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|